PART |
Description |
Maker |
C501 Q67127-C970 SAB-C501G-L40P SAB-C501G-L40N Q67 |
High Speed CMOS Logic 8-Input Multiplexer/Register with 3-State Outputs 20-PDIP -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
Infineon Technologies A... Infineon Technologies AG SIEMENS AG
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|
AT29LV512-25TI AT29LV512-25TC AT29LV512-25JI |
512K 64K x 8 3-volt Only CMOS Flash Memory High Speed CMOS Logic Quad 2-Input NAND Gates 14-PDIP -55 to 125 High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-SOIC -55 to 125
|
Atmel Corp.
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
AT27BV4096 AT27BV4096-12JC AT27BV4096-12JI AT27BV4 |
High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-PDIP -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
Q67120-D Q67120-C2274 |
High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker 14-SOIC -55 to 125
|
Infineon Technologies AG
|
BC848CLT1 BC850CLT1 BC846ALT1 BC846BLT1 BC847ALT1 |
General Purpose Transistors(NPN Silicon) High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 高速CMOS逻辑3/8线性反同相解码多路解复用器 TSSOP-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 高速CMOS逻辑4/16位输出线性解码器/多路解复用器 SOIC-20封装 工作温度55℃_125 High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 14-SOIC -55 to 125 通用晶体管(NPN硅) High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 高速CMOS逻辑三输入非门 SOIC-14封装 工作温度55℃_125
|
LRC[Leshan Radio Company] Leshan Radio Company, Ltd.
|
AD7665ASTZRL AD7665ACPZ AD7650 AD7660 AD7673 |
16-Bit 570 kSPS Bipolar PulSAR® ADC 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 16-Bit, 570 kSPS CMOS ADC 16-Bit, 570 kSPS CMOS ADC
|
Analog Devices, Inc.
|
SAB83C515A-5N18-T3 SAB80C515A-M18-T3 SAB80C515A-N1 |
8-Bit CMOS Single-Chip Microcontroller High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125
|
SIEMENS AG
|
AN80P52RSP AN80P22RSP AN80P20RSP AN80P32RSP AN80P1 |
Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Dual, 16-Bit nanoDAC® with I2C® Interface; Package: MSOP; No of Pins: 10; Temperature Range: TBD Dual, 16-Bit nanoDAC® with 5 ppm/°C On-Chip Reference, I2C® Interface; Package: LFCSP (3x3mm); No of Pins: 10; Temperature Range: TBD 5-pin, low dropout voltage regulator with standby function (1 A type) 3.6 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO4
|
Panasonic Corporation Panasonic, Corp.
|
CD4063BMS FN3318 CD4063 CD4063BKMSR |
Digital Comparator, 4-Bit Magnitude, Rad-Hard, CMOS, Logic From old datasheet system CMOS 4-Bit Magnitude Comparator; Temperature Range: -55°C to 125°C; Package: 16-FlatPack 4000/14000/40000 SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|